Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA1004CL1T Datasheet(PDF) 14 Page - Microchip Technology

Part # DSA1004CL1T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1004CL1T Datasheet(HTML) 14 Page - Microchip Technology

Back Button DSA1004CL1T Datasheet HTML 10Page - Microchip Technology DSA1004CL1T Datasheet HTML 11Page - Microchip Technology DSA1004CL1T Datasheet HTML 12Page - Microchip Technology DSA1004CL1T Datasheet HTML 13Page - Microchip Technology DSA1004CL1T Datasheet HTML 14Page - Microchip Technology DSA1004CL1T Datasheet HTML 15Page - Microchip Technology DSA1004CL1T Datasheet HTML 16Page - Microchip Technology DSA1004CL1T Datasheet HTML 17Page - Microchip Technology DSA1004CL1T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DSA1001/3/4
DS20005889A-page 14
 2017 Microchip Technology Inc.
4-Lead CDFN 5.0 mm x 3.2 mm Package Outline & Recommended Land Pattern


Similar Part No. - DSA1004CL1T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
   1.0A Power Rectifier
logo
IXYS Corporation
DSA10C150PB IXYS-DSA10C150PB Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Sanyo Semicon Device
DSA10G SANYO-DSA10G Datasheet
40Kb / 2P
   1.0A Power Rectifier
logo
IXYS Corporation
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DSA1004CL1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Kyocera Kinseki Corpota...
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
   CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com