Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXPSC10650 Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # NXPSC10650
Description  Silicon Carbide Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

NXPSC10650 Datasheet(HTML) 4 Page - WeEn Semiconductors

  NXPSC10650 Datasheet HTML 1Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 2Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 3Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 4Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 5Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 6Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 7Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 8Page - WeEn Semiconductors NXPSC10650 Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WeEn Semiconductors
NXPSC10650
Silicon Carbide Diode
NXPSC10650
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2017. All rights reserved
Product data sheet
15 August 2017
4 / 9
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 3
-
-
1.9
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
in free air
-
60
-
K/W
aaa-017111
tp (s)
10-6
1
10
10-1
10-2
10-5
10-3
10-4
1
10-1
10
Zth(j-mb)
(K/W)
10-2
tp
tp
T
P
t
T
δ =
δ = 0.5
δ = 0.3
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
single pulse
Fig. 3. Transient thermal impedance from junction to mounting base as a function of pulse duration


Similar Part No. - NXPSC10650

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
NXPSC10650B WEEN-NXPSC10650B Datasheet
299Kb / 11P
   Silicon Carbide Diode
NXPSC10650D WEEN-NXPSC10650D Datasheet
289Kb / 11P
   Silicon Carbide Diode
NXPSC10650X WEEN-NXPSC10650X Datasheet
261Kb / 10P
   Silicon Carbide Diode
logo
Inchange Semiconductor ...
NXPSC10650X ISC-NXPSC10650X Datasheet
268Kb / 2P
   SiC Diode
logo
NXP Semiconductors
NXPSC10650 PHILIPS-NXPSC10650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
More results

Similar Description - NXPSC10650

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com