Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE13005X Datasheet(PDF) 9 Page - WeEn Semiconductors

Part # PHE13005X
Description  Silicon diffused power transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13005X Datasheet(HTML) 9 Page - WeEn Semiconductors

Back Button PHE13005X Datasheet HTML 5Page - WeEn Semiconductors PHE13005X Datasheet HTML 6Page - WeEn Semiconductors PHE13005X Datasheet HTML 7Page - WeEn Semiconductors PHE13005X Datasheet HTML 8Page - WeEn Semiconductors PHE13005X Datasheet HTML 9Page - WeEn Semiconductors PHE13005X Datasheet HTML 10Page - WeEn Semiconductors PHE13005X Datasheet HTML 11Page - WeEn Semiconductors PHE13005X Datasheet HTML 12Page - WeEn Semiconductors PHE13005X Datasheet HTML 13Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
WeEn Semiconductors
PHE13005X
Silicon diffused power transistor
PHE13005X
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
26 April 2018
9 / 13
VCC = 300 V; VBB = - 5 V; LC = 200 μH; LB = 1 μH
Fig. 15. Test circuit for inductive load switching
Fig. 14. Switching times waveforms for inductive load
10. Isolation characteristics
Table 8. Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all terminals to external heatsink;
clean and dust free; 50 Hz ≤ f ≤ 60 Hz;
RH ≤ 65 %;Th = 25 °C
-
-
2500
V
Cisol
isolation capacitance
from collector to external heatsink;
f = 1 MHz; Th = 25 °C
-
10
-
pF


Similar Part No. - PHE13005X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13005X NXP-PHE13005X Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
PHE13005X PHILIPS-PHE13005X_15 Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
More results

Similar Description - PHE13005X

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com