Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

08052A101FAT4A Datasheet(HTML) 4 Page - AVX Corporation

Part No. 08052A101FAT4A
Description  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

08052A101FAT4A Datasheet(HTML) 4 Page - AVX Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t) Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
J
12
J
15
J
18
J
22
J
27
J
33
J
39
J
47
J
56
J
68
J
82
J
100
J
120
J
150
J
180
J
220
J
270
J
330
J
390
M
470
M
560
J
J
J
J
M
680
J
J
J
K
P
820
J
J
J
K
P
1000
J
J
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1200
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1500
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1800
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
2200
P
P
P
P
N
K
K
N
N
P
X
X
M
M
M
P
2700
P
P
P
P
K
K
N
P
Q
X
X
M
M
M
P
3300
P
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
3900
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
4700
P
P
P
K
K
N
P
Y
X
X
X
X
X
X
M
M
P
5600
P
P
P
K
K
P
P
Y
X
X
X
X
X
X
M
M
P
6800
P
P
P
K
K
Q
Q
X
X
X
X
X
X
M
M
P
8200
P
P
K
M
Q
Q
X
X
X
X
X
X
M
M
P
Cap
0.010
N
N
K
M
Q
Q
X
X
X
X
X
X
M
M
P
(pF)
0.012
N
N
K
M
Q
X
X
X
X
X
X
M
M
P
0.015
P
P
Q
X
X
X
X
X
X
M
M
Y
0.018
P
P
Q
X
X
X
X
X
X
M
M
Y
0.022
P
P
Q
X
X
X
X
X
M
Y
Y
0.027
Q
Q
X
X
X
Y
X
X
P
Y
Y
0.033
Q
Q
X
X
X
X
X
X
Y
Y
0.039
X
X
X
X
Y
X
Y
Y
0.047
X
X
X
X
Y
X
Z
0.068
Z
Z
Y
Z
X
Z
0.082
Z
Z
Y
Z
X
Z
0.1
Z
Z
Z
Z
Z
Z
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
SIZE
1210
1812
1825
2220
2225
Letter
A
B
C
E
G
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
051818


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn