Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1960013 Datasheet(HTML) 4 Page - PHOENIX CONTACT

Part No. 1960013
Description  UKB 4-FS/FS(4-2,8-0,8)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1960013 Datasheet(HTML) 4 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
UKB 4-FS/FS(4-2,8-0,8) Order No.: 1960013
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1960013
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 24, 2011
Plug/Adapter
0601292
PSB 3/10/4
Female test connector, Color: silver
0201304
PSBJ 3/13/4
Female test connector, Color: silver
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Circuit diagram
1 = cover
2 = fixed bridge
3 = insertion bridge
4 = isolator bridge bar
5 = bridge bar isolator
6 = separating plate
7 = partition plate
8 = test plug socket


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn