Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

76908 Datasheet(HTML) 1 Page - Banner Engineering Corp.

Part No. 76908
Description  Antenna Kit BWA-ANTKIT-003
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BANNER [Banner Engineering Corp.]
Homepage  https://www.bannerengineering.com/us/en.html
Logo 

76908 Datasheet(HTML) 1 Page - Banner Engineering Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
Antenna Kit BWA-ANTKIT-003
Low-gain omni-directional antenna kit BWA-ANTKIT-003 (p/n 18955) includes a 2 dBi rubber swivel antenna.
3
4
5, 6
2
7, 8
9
1
Qty
Part No.
Model
Description
1
1
76908
BWA-9O2-C
Antenna, Omni, 902–928 MHz, 2 dBi, Rubber swivel, RP-SMA Male
2
1
77488
BWC-1MRSFRSB4
RG58, RP-SMA Male to RP-SMA Female Bulkhead, 4 m
3
1
79296
BWC-LMRSFRPB
Surge Suppressor, Bulkhead, RP-SMA
4
1
78544
BWC-1MRSFRSB02
RG58, RP-SMA Male to RP-SMA Female Bulkhead, 0.2 m
5–9
Sold separately. Antenna kits do not include the radio, power supply, or enclosure components.
To create a weatherproof antenna connection, refer to the Sure Cross Wireless I/O Product Manual (p/n 132607), the Sure Cross
Installation Guide (p/n 151514), or Antenna Basics (p/n 132113).
Sure Cross® Antenna Kit BWA-ANTKIT-003
Original Document
159282 Rev. A
14 September 2017
159282


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn