Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2532W Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RTQ2532W
Description  2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2532W Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RTQ2532W Datasheet HTML 7Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 8Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 9Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 10Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 11Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 12Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 13Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 14Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RTQ2532W
11
DSQ2532W-00 July 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
PSRR vs. Frequency and IOUT
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
VIN = 1.1V, VOUT = 0.8V, COUT = 22
μF
CNR/SS = 10nF, CFF = 10nF
Output Noise vs. Frequency and CNR/SS
0.001
0.01
0.1
1
10
10
100
1K
10K
100K
1M
Frequency (Hz)
CNR/SS = 0nF
CNR/SS = 1nF
CNR/SS = 10nF
CNR/SS = 100nF
VIN =1.1V, VOUT = 0.8V, IOUT = 2A
COUT = 22
μF, CFF = 10nF
PSRR vs. Frequency and VIN
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VOUT = 0.8V, IOUT = 2A, COUT = 22
μF
CNR/SS = 10nF, CFF = 10nF
VIN = 1.4V
VIN = 1.3V
VIN = 1.2V
VIN = 1.1V
Output Noise vs. Frequency and Output Voltage
0.001
0.01
0.1
1
10
10
100
1K
10K
100K
1M
Frequency (Hz)
VOUT = 5V
VOUT = 3.3V
VOUT = 1.5V
VOUT = 0.8V
VIN = VOUT + 0.3V, IOUT = 2A, COUT = 22
μF
CNR/SS = 10nF, CFF = 10nF
PSRR vs. Frequency and VOUT
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VOUT = 0.8V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
VIN = VOUT + 0.3V, IOUT = 2A, COUT = 22
μF,
CNR/SS = 10nF, CFF = 10nF
Output Noise vs. Frequency and CFF
0.001
0.01
0.1
1
10
10
100
1K
10K
100K
1M
Frequency (Hz)
CFF = 100nF
CFF = 10nF
CFF = 1nF
CFF = 0nF
CFF = 0.1nF
VIN = 1.1V, VOUT = 0.8V, IOUT = 2A
COUT = 22
μF, CNR/SS = 10nF


Similar Part No. - RTQ2532W

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533WGQV RICHTEK-RTQ2533WGQV Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

Similar Description - RTQ2532W

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com