Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2533W Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RTQ2533W
Description  3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2533W Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RTQ2533W Datasheet HTML 10Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 11Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 12Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 13Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 14Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 15Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 16Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 17Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
RTQ2533W
14
DSQ2533W-00 April 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
operating voltage and temperature and the design engineer
must be aware of these characteristics. Ceramic
capacitors are usually recommended to be derated by
50%. A 47
μF or greater output ceramic capacitor (or 22μF
effective capacitance) is suggested to ensure stability.
Input capacitance is selected to minimize transient input
drop during load current steps. For general applications,
an input capacitor of at least 47
μF is highly recommended
for minimal input impedance. If the trace inductance
between the RTQ2533W input supply is high, a fast load
transient can cause VIN voltage level ringing above the
absolute maximum voltage rating which damages the
device. Adding more input capacitors is available to restrict
the ringing and keep it below the device absolute maximum
ratings.
Generally, a 47
μF 0805-sized ceramic capacitor in parallel
with two 10
μF 0805-sized ceramic capacitor ensures the
minimum effective capacitance at high input voltage and
high output voltage requirement. Place these capacitors
as close to the pins as possible for optimum performance
and to ensure stability.
Feed-Forward Capacitor (CFF)
The RTQ2533W is designed to be stable without the
external feed-forward capacitor (CFF). However, a 10nF
external feed-forward capacitor optimizes the transient,
noise, and PSRR performances. A higher capacitance CFF
can be also used, but the start-up time is longer and the
power-good signal can incorrectly indicate that the output
voltage is settled.
Soft-Start and Noise Reduction (CNR/SS)
The RTQ2533W is designed for a programmable,
monotonic soft-start time during the output rising, which
can be achieved via an external capacitor (CNR/SS) on NR/
SS pin. Using an external CNR/SS is recommended for
general application, not only for the in-rush current
minimization but also helps reduce the noise component
from the internal reference.
During the monotonic start-up procedure, the error amplifier
of the RTQ2533W tracks the voltage ramp of the external
soft-start capacitor (CNR/SS) until the voltage approaches
the internal reference 0.8V. The soft-start ramp time can
be calculated with Equation a1, which depends on the

REF
NR/SS
SS
NR/SS
VC
t
=
a1
I
For noise-reduction, CNR/SS in conjunction with an internal
noise-reduction resistor forms a low-pass filter (LPF) and
filters out the noise from the internal bandgap reference
before being amplified via the error amplifier, thus reducing
the total device noise floor.
Input Inrush Current
During start-up, the input Inrush current into VIN pin
consists of the sum of load current and the charging
current of the output capacitor. The inrush current is difficult
to measure because the input capacitor must be removed,
which is not recommended. Generally, the soft-start inrush
current can be estimated by Equation b1, where VOUT(t)
is the instantaneous output voltage of the power-on ramp,
dVOUT(t) / dt is the slope of the VOUT ramp and RLOAD is
the resistive load impedance.

 


OUT
OUT
OUT
OUT
LOAD
CdV
t
Vt
I
t =
+
b1
dt
R




Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) threshold is the
minimum input operational voltage range that ensures the
device stays disabled. Figure 5 explain the UVLO circuits
be triggered between three different input voltage
events(duration a, b and c), assuming VEN
≥ VEN_H all the
time. For duration “a”, the input voltage starts rising and
when VIN is over the UVLO rising threshold, VOUT starts
the power-on process, then when Vout reaches the target
level it is under regulation. During “b”, although the power
line has a voltage drop, but does not cross UVLO low
threshold (falling threshold), the device maintains normal
operation, and VOUT is still regulated. At duration “c” VIN
drops below the UVLO falling threshold, the control loop
is disabled and there is no regulation; meanwhile VOUT
drops. For general application, instant power line transient
with long power trace at the VIN pin may have VIN level
unstable and force a trap as shown in duration “c” which
makes VOUT collapse. In this case, adding more input
capacitance or improving input trace layout on PCB are
effective to improve input power stabilization.
soft-start charging current (INR/SS), the soft-start
capacitance (CNR/SS), and the internal reference 0.8V
(VREF).


Similar Part No. - RTQ2533W

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

Similar Description - RTQ2533W

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com