Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2536-QA Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RTQ2536-QA
Description  DDR Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2536-QA Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RTQ2536-QA Datasheet HTML 1Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 2Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 3Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 4Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 5Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 6Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 7Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 8Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RTQ2536-QA
4
DSQ2536-QA-01 September 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Control Input Voltage, VCNTL ------------------------------------------------------------------------------------------ 2.9V to 5.5V
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 1V to 3.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN, VCNTL -------------------------------------------------------------------------------------------
−0.3V to 6V
Input Voltage, S3, VDDQSNS, SENSE, S5 ------------------------------------------------------------------------
−0.3V to 6V
Output Voltage, VOUT, REFOUT --------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-10SL 3x3 ----------------------------------------------------------------------------------------------------------- 4.09W
Package Thermal Resistance (Note 2)
WDFN-10SL 3x3,
θJA ----------------------------------------------------------------------------------------------------- 30.5°C/W
WDFN-10SL 3x3,
θJC ----------------------------------------------------------------------------------------------------- 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Thermal Shutdown Temperature --------------------------------------------------------------------------------------- 160°C
Thermal Shutdown Hysteresis ----------------------------------------------------------------------------------------- 15°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
(VIN = VVDDQSNS = 1.5V, VCNTL = 3.3V, VSENSE = 0.75V, COUT = 10
μF x 1, TJ = −40°C to 125°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
VCNTL Supply Current
IVCNTL
VS3 = VCNTL, VS5 = VCNTL, no load
--
0.5
0.75
mA
VCNTL Shutdown
Current
ISHDN_VCNTL
VS3 = 0V, VS5 = 0V, no load
--
65
80
A
VS3 = 0V, VS5 = VCNTL, no load
--
200
350
A
VIN Supply Current
IVIN
VS3 = VCNTL, VS5 = VCNTL, no load
--
1
35
A
VIN Shutdown Current
ISHDN_VIN
VS3 = 0V, VS5 = 0V, no load
--
0.1
10
A
Output
VOUT Output Voltage
VOUT
VIN = 1.5V, VVDDQSNS = 1.5V,
IOUT = 0A
--
0.75
--
V
VIN = 1.35V, VVDDQSNS = 1.35V,
IOUT = 0A
--
0.675
--
VIN = 1.2V, VVDDQSNS = 1.2V,
IOUT = 0A
--
0.6
--
VIN = 1.05V, VVDDQSNS = 1.05V,
IOUT = 0A
(Note 5)
--
0.525
--


Similar Part No. - RTQ2536-QA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results

Similar Description - RTQ2536-QA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com