Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2028-19 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part No. LM2028-19
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Homepage  http://www.topwaysz.com/en/home.php
Logo 

LM2028-19 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-19
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-19-Manual-Rev0.2
Page: 4 of 9
1.5
Terminal Functions (K9, FFC Terminal)
Pin
No.
Pin
Name
I/O
Descriptions
1
D0
Input
Display Data
2
D1
Input
Display Data
3
D2
Input
Display Data
4
D3
Input
Display Data
5
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
6
FLM
Input
First Line Marker
7
NC
-
No Connection, keep open
8
LD
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
9
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
10
VDD
Power
Positive Power Supply
11
VSS
Power
0V Power Supply, Ground
12
VEE
Power
Negative Power Supply for Driving LCD
13
V0
Input
LCD contrast setting reference
14
VSS(FG)
Power
0V Power Supply, Frame Ground
1.6
Terminal Functions (K6, Through Hole Terminal)
Pin
No.
Pin
Name
I/O
Descriptions
1
FLM
Input
First Line Marker
2
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
3
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
4
NC
-
No Connection, keep open
(Test point for M-Signal Generator)
5
V0
Input
LCD contrast setting reference
6
VDD
Power
Positive Power Supply
7
VSS
Power
0V Power Supply, Ground
8
VEE
Power
Negative Power Supply for Driving LCD
9
D0
Input
Display Data
10
D1
Input
Display Data
11
D2
Input
Display Data
12
D3
Input
Display Data
13
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
14
NC
-
No Connection, keep open
15
BLA
Power
LED Backlight Positive Supply
16
BLK
Power
LED Backlight Negative Supply


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn