Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2028-19 Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2028-19
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2028-19 Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2028-19 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-19
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-19-Manual-Rev0.2
Page: 6 of 9
3.3
AC Characteristics
VSS=0V, VDD=5.0V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Clock cycle time
tcy
160
-
-
ns
Clock pulse width
twck
57
-
-
ns
Rise time
tr
-
-
24
ns
Fall time
tf
-
-
24
ns
Data set-up time
tds
38
-
-
ns
Data hold time
tdh
38
-
-
ns
Clock set-up time
tcs
100
-
-
ns
Clock hold time
tch
100
-
-
ns
/DISPOFF low pulse width
twdl
1500
-
-
ns
/DISPOFF clear time
tcd
125
-
-
ns
VSS=0V, VDD=3.3V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Clock cycle time
tcy
315
-
-
ns
Clock pulse width
twck
120
-
-
ns
Rise time
tr
-
-
24
ns
Fall time
tf
-
-
24
ns
Data set-up time
tds
82
-
-
ns
Data hold time
tdh
82
-
-
ns
Clock set-up time
tcs
150
-
-
ns
Clock hold time
tch
150
-
-
ns
/DISPOFF low pulse width
twdl
1500
-
-
ns
/DISPOFF clear time
tcd
125
-
-
ns
Interface Timing Digram


Similar Part No. - LM2028-19

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2028-10 TOPWAY-LM2028-10 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2028-12 TOPWAY-LM2028-12 Datasheet
1Mb / 9P
   LCD Module User Manual
More results

Similar Description - LM2028-19

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com