Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2028-19 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part No. LM2028-19
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Homepage  https://www.topwaydisplay.com
Logo 

LM2028-19 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2028-19 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-19
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-19-Manual-Rev0.2
Page: 3 of 9
1. Basic Specifications
1.1
Power Supply Highlight
-
Logic Power Supply (VDD-VSS)
: 3.0 ~ 5.0 V
-
LCD Driver Supply (VDD-VEE)
: 25V
-
LED Backlight Supply (BLA-BLK) : 160mA (3.55V TYP.)
Note:
Please see the “3. Electrical Characteristics”for details.
1.2
Display Specifications
1) LCD Display Mode
: FSTN, Positive, Transflective
2) Display Color
: Display Data = “1”: Dark Gray (*1)
: Display Data = “0”: Light Gray (*2)
3) Viewing Angle
: 6 H
4) Driving Method
: 1/240 duty, 1/17 bias
5) Backlight
: White LED backlight
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.3
Mechanical Specifications
1) Outline Dimension
: 166.0 x 109.0 x 11.2MAX
see attached Outline Drawing for details
1.4
Block Diagram
320 x 240 pixels
LCD Panel
S6B2086X
or equivalent
/DISPOFF
D0~D3
M
CP
LD
S6B2086X
or equivalent
S6B2086X
or equivalent
S6B2086X
or equivalent
COM1
:
COM80
COM81
:
COM160
COM161
:
COM240
Power Circuit
BLK
BLA
FLM
VSS
VDD
V0
VEE
M-signal
generator


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn