Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2029E Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2029E
Description  LCD Module User Manual
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2029E Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2029E Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2029E Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TOPWAY
LCD Module User Manual
LM2029E
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2029E-Manual-Rev0.1.doc
Page: 5 of 11
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
0
+7.0
V
VSS = 0V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
VSS = 0V
Operating Temperature
TOP
0
+50
°C
No Condensation
Storage Temperature
TST
-20
+70
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may
affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD=5.0V, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
4.5
5.0
5.5
V
VDD
Input High Voltage
VIN
0.8xVDD
-
VDD
V
DB0~DB7, /WR,
/RD, /CS, A0, /RES
Input Low Voltage
VIN
VSS
-
0.15xVDD
V
DB0~DB7, /WR,
/RD, /CS, A0, /RES
LCD Contrast Reference
Voltage (*1)
V0
-
-18.5
-
V
V0
Frame Freq.
fFRAME
60
66
80
Hz
Operating Current
IDD
-
23.0
80.0
mA
VDD
Note:
*1. Frame freq. at 66Hz
3.2
LED Backlight Circuit Characteristics
BLK=0V, IfBLA=300.0mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
3.55
-
V
BLA
Forward Current
IfBLA
-
300
360
MA
BLA
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
BLK
BLA
No. of LED = 18pcs


Similar Part No. - LM2029E

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM2029B TOPWAY-LM2029B Datasheet
5Mb / 12P
   LCD Module User Manual
More results

Similar Description - LM2029E

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com