Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LBM2016T1R8JV Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part No. LBM2016T1R8JV
Description  Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

LBM2016T1R8JV Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
2.0 + / - 0.2
( 0.079 + / - 0.008 )
Width :
1.6 + / - 0.2
( 0.063 + / - 0.008 )
Height :
1.6 + / - 0.2
( 0.063 + / - 0.008 )
Inductance :
1.8
uH
( test freq at 7.96MHz )
DC Resistance :
0.48
/
0.624
ohm ( typ / max )
Rated Current :
345
mA
Rated current typical : 10% reduction from initial L value.
and Temperature will rise by 20 deg C
2016/7/22
Signal Lines Wire-wound Chip Inductors for Automotive / Industrial Applications
(LB series M type)
unit : mm
unit : inch
LBM2016T1R8JV
0
1
2
3
4
5
0
200
400
600
800
1000
DC Bias [mA]
DC Bias vs Inductance
0.1
1
10
100
0.1
1
10
100
1000
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
200
400
600
800
1000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn