Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LBM2016T1R8JV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. LBM2016T1R8JV
Description  Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

LBM2016T1R8JV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T1R8JV
Features
Item Summary
1.8uH±5%, 0.345A, 0806/2016 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
1.8 uH ± 5 %
Case Size (EIA/JIS)
0806/2016
Rated Current (max)
0.345 A
DC Resistance (max)
0.624 Ω
DC Resistance (typ)
0.48 Ω
Q (min)
30
LQ Measuring Frequency
7.96 MHz
Self Resonant Frequency (min)
100 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 5 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (197 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.2 mm
Dimension W
1.6 ±0.2 mm
Dimension T
1.6 ±0.2 mm
2019.10.01
1 / 1


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn