Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBM2016T180JV Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T180JV
Description  Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T180JV Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016T180JV_V01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBM2016T180JV_V01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBM2016T180JV_V01 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
2.0 + / - 0.2
( 0.079 + / - 0.008 )
Width :
1.6 + / - 0.2
( 0.063 + / - 0.008 )
Height :
1.6 + / - 0.2
( 0.063 + / - 0.008 )
Inductance :
18
uH
( test freq at 2.52MHz )
DC Resistance :
2.5
/
3.25
ohm ( typ / max )
Rated Current :
150
mA
Rated current typical : 10% reduction from initial L value.
and Temperature will rise by 20 deg C
2016/7/22
Signal Lines Wire-wound Chip Inductors for Automotive / Industrial Applications
(LB series M type)
unit : mm
unit : inch
LBM2016T180JV
0
5
10
15
20
25
30
0
100
200
300
400
500
DC Bias [mA]
DC Bias vs Inductance
1
10
100
1000
0.1
1
10
100
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
100
200
300
400
500
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Similar Part No. - LBM2016T180JV_V01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T180JV TAIYO-YUDEN-LBM2016T180JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T180JV_V01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T3R9JV TAIYO-YUDEN-LBM2016T3R9JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T5R6JV TAIYO-YUDEN-LBM2016T5R6JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T6R8JV TAIYO-YUDEN-LBM2016T6R8JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T390JV TAIYO-YUDEN-LBM2016T390JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016TR39JV TAIYO-YUDEN-LBM2016TR39JV_V01 Datasheet
271Kb / 2P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T120JV TAIYO-YUDEN-LBM2016T120JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T220JV TAIYO-YUDEN-LBM2016T220JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T680JV TAIYO-YUDEN-LBM2016T680JV_V01 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T2R7JV TAIYO-YUDEN-LBM2016T2R7JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T3R3JV TAIYO-YUDEN-LBM2016T3R3JV_V01 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
LBM2016T101JV TAIYO-YUDEN-LBM2016T101JV_V01 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com