Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2714048 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Part No. 2714048
Description  Installation level terminal block - PIK 4-L
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2714048 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
https://www.phoenixcontact.com/us/products/2714048
12/4/13   Page 6 / 13
Installation level terminal block - PIK 4-L - 2714048
Accessories
End clamp - E/NS 35 N - 0800886
End clamp, width: 9.5 mm, color: gray
 
 
End clamp - E/UK - 1201442
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
 
 
End clamp - E/UK 1 - 1201413
End clamps, for supporting the ends of double-level and three-level terminal blocks, width: 10 mm, color: gray
 
 
End cover
End cover - D-PIK 4 - 2714080
End cover, Length: 88 mm, Width: 1.5 mm, Color: gray
 
 
Insulating sleeve
Bridge bar isolator - IS-K 4 - 1302338
Bridge bar isolator, Color: gray
 
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn