Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2714048 Datasheet(HTML) 1 Page - PHOENIX CONTACT

Part No. 2714048
Description  Installation level terminal block - PIK 4-L
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2714048 Datasheet(HTML) 1 Page - PHOENIX CONTACT

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
https://www.phoenixcontact.com/us/products/2714048
12/4/13   Page 1 / 13
Installation level terminal block - PIK 4-L - 2714048
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Installation level terminal block, Screw connection, Cross section:  0.2 mm² - 4 mm², AWG: 24 - 12, Width: 6.2
mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
Product Features
 The other types in the PIK range support all other circuit versions encountered in practice
 For example, combining the PIK 4-PE/L/NT and the PIK 4-L/L enables a three-phase circuit to be wired on a design width of 12.4 mm. This
represents a space saving of 18.6 mm compared to conventional wiring with single-level installation terminal blocks.
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
14.83 GRM
Custom tariff number
85369010
Country of origin
Greece
Technical data
General
Number of levels
2
Number of connections
4
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V2
Maximum load current
32 A (with 4 mm² conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn