Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2715814 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2715814
Description  DIKD 1,5-LA 24RD/O-M
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2715814 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2715814 Datasheet HTML 1Page - PHOENIX CONTACT 2715814 Datasheet HTML 2Page - PHOENIX CONTACT 2715814 Datasheet HTML 3Page - PHOENIX CONTACT 2715814 Datasheet HTML 4Page - PHOENIX CONTACT 2715814 Datasheet HTML 5Page - PHOENIX CONTACT 2715814 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIKD 1,5-LA 24RD/O-M Order No.: 2715814
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2715814
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Mar 15, 2010
Accessories
Item
Designation
Description
Assembly
1413285
ATP-DIKD 1,5
Partition plate, Length: 83 mm, Width: 2 mm, Height: 60 mm,
Color: gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
1201413
E/UK 1
End brackets, for supporting the ends of double-level and three-
level terminal blocks, width: 10 mm, color: gray
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
2716680
EB 10- DIK BU
Cross connector/bridge, Number of positions: 10, Color: blue
2715937
EB 10- DIK GY
Cross connector/bridge, Number of positions: 10, Color: gray
2716774
EB 10- DIK RD
Cross connector/bridge, Number of positions: 10, Color: red
2715940
EB 80- DIK BU
Cross connector/bridge, Number of positions: 80, Color: blue
2715953
EB 80- DIK RD
Cross connector/bridge, Number of positions: 80, Color: red
2715788
EB 80- DIK WH
Cross connector/bridge, Number of positions: 80, Color: white
Marking
1007222
SBS 6:UNBEDRUCKT
Marker cards for modular terminal blocks, color: white
0804374
SK 6,2/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks


Similar Part No. - 2715814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2715856 PHOENIX-2715856 Datasheet
156Kb / 6P
   DIK 1,5-LA 24RD/O-M
More results

Similar Description - 2715814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3006496 PHOENIX-3006496 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24RD/O-M
2716376 PHOENIX-2716376 Datasheet
132Kb / 5P
   DIKD 1,5-LA 24GN/O-M
2715856 PHOENIX-2715856 Datasheet
156Kb / 6P
   DIK 1,5-LA 24RD/O-M
2715995 PHOENIX-2715995 Datasheet
159Kb / 6P
   DIK 1,5-LA 24RD/U-O
2718028 PHOENIX-2718028 Datasheet
144Kb / 5P
   VIOK 1,5-LA 24RD/O-MO
2717029 PHOENIX-2717029 Datasheet
175Kb / 13P
   Sensor/actuator terminal block - DOK 1,5-LA 24RD/O-M
2718073 PHOENIX-2718073 Datasheet
165Kb / 12P
   Sensor/actuator terminal block - VIOK 1,5-LA 24RD/MU-O
3006483 PHOENIX-3006483 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24GN/O-M
2715762 PHOENIX-2715762 Datasheet
157Kb / 5P
   DIK 1,5-LA 24GN/O-M
2717074 PHOENIX-2717074 Datasheet
154Kb / 5P
   DOK 1,5-LA 24GN/O-M
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com