Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2715814 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2715814
Description  DIKD 1,5-LA 24RD/O-M
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2715814 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2715814 Datasheet HTML 1Page - PHOENIX CONTACT 2715814 Datasheet HTML 2Page - PHOENIX CONTACT 2715814 Datasheet HTML 3Page - PHOENIX CONTACT 2715814 Datasheet HTML 4Page - PHOENIX CONTACT 2715814 Datasheet HTML 5Page - PHOENIX CONTACT 2715814 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 15, 2010
Extract from the online
catalog
 
DIKD 1,5-LA 24RD/O-M
Order No.: 2715814
The illustration shows version DIKD 1,5 in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2715814
 
 
Sensor/actuator terminal block, Cross section:  0.2 mm² - 4 mm²,
AWG: 24 - 12, Connection type: Screw connection, Width: 6.2 mm,
Color: gray, Mounting type: NS 35/7,5, NS 35/15
 
Commercial data
EAN
4017918061562
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.02112 KG
Catalog page information
Page 363 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
08/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
3
Number of connections
6
Color
gray


Similar Part No. - 2715814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2715856 PHOENIX-2715856 Datasheet
156Kb / 6P
   DIK 1,5-LA 24RD/O-M
More results

Similar Description - 2715814

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3006496 PHOENIX-3006496 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24RD/O-M
2716376 PHOENIX-2716376 Datasheet
132Kb / 5P
   DIKD 1,5-LA 24GN/O-M
2715856 PHOENIX-2715856 Datasheet
156Kb / 6P
   DIK 1,5-LA 24RD/O-M
2715995 PHOENIX-2715995 Datasheet
159Kb / 6P
   DIK 1,5-LA 24RD/U-O
2718028 PHOENIX-2718028 Datasheet
144Kb / 5P
   VIOK 1,5-LA 24RD/O-MO
2717029 PHOENIX-2717029 Datasheet
175Kb / 13P
   Sensor/actuator terminal block - DOK 1,5-LA 24RD/O-M
2718073 PHOENIX-2718073 Datasheet
165Kb / 12P
   Sensor/actuator terminal block - VIOK 1,5-LA 24RD/MU-O
3006483 PHOENIX-3006483 Datasheet
151Kb / 5P
   ZDIK 1,5-LA 24GN/O-M
2715762 PHOENIX-2715762 Datasheet
157Kb / 5P
   DIK 1,5-LA 24GN/O-M
2717074 PHOENIX-2717074 Datasheet
154Kb / 5P
   DOK 1,5-LA 24GN/O-M
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com