Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212B80A-V5T2U Datasheet(HTML) 1 Page - ABLIC Inc.

Part No. S-19212B80A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212B80A-V5T2U Datasheet(HTML) 1 Page - ABLIC Inc.

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
S-19212B/DxxA Series
AUTOMOTIVE, 125°C OPERATION,
36 V INPUT, 250 mA VOLTAGE REGULATOR
www.ablic.com
© ABLIC Inc., 2015-2019
Rev.5.3_00
1
The S-19212B/DxxA Series, developed by using high-withstand voltage CMOS process technology, is a positive voltage
regulator with a high-withstand voltage, low current consumption and high-accuracy output voltage, and has a built-in
ON / OFF circuit.
The S-19212B/DxxA Series operates at the maximum operation voltage of 36 V and a low current consumption of
6.5
μA typ., and has a built-in low on-resistance output transistor which provides a very small dropout voltage and a large
output current.
Also, a built-in overcurrent protection circuit to limit overcurrent of the output transistor and a built-in thermal shutdown
circuit to limit heat are included.
ABLIC Inc. offers a "thermal simulation service" which supports the thermal design in conditions when our power
management ICs are in use by customers. Our thermal simulation service will contribute to reducing the risk in the thermal
design at customers' development stage.
For more information regarding our thermal simulation service, contact our sales office.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to ABLIC Inc. is indispensable.
Features
• Output voltage:
2.5 V to 16.0 V, selectable in 0.1 V step
• Input voltage:
3.0 V to 36 V
• Output voltage accuracy:
±2.0% (Tj = −40°C to +125°C)
• Current consumption:
During operation: 6.5
μA typ., 8.5 μA max. (Tj = −40°C to +125°C)
During power-off: 0.1
μA typ., 3.5 μA max. (Tj = −40°C to +125°C)
• Output current:
Possible to output 250 mA (at VIN
≥ VOUT(S) + 2.0 V)*1
• Input capacitor:
A ceramic capacitor can be used. (1.0
μF or more)
• Output capacitor:
A ceramic capacitor can be used. (1.0
μF to 100 μF)
• Built-in overcurrent protection circuit: Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Detection temperature 165
°C typ.
• Built-in ON / OFF circuit:
Ensures long battery life.
Discharge shunt function is available.
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• Withstand 45 V load dump
• AEC-Q100 qualified*2
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
*2. Contact our sales office for details.
Applications
• Constant-voltage power supply for electrical application for vehicle interior
• Constant-voltage power supply for home electric appliance
• For automotive use (engine, transmission, suspension, ABS, related-devices for EV / HEV / PHEV, etc.)
Packages
• TO-252-5S(A)
• HSOP-8A
• HSOP-6
• SOT-89-5
• HTMSOP-8
• SOT-23-5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn