Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212B80A-V5T2U Datasheet(HTML) 12 Page - ABLIC Inc.

Part No. S-19212B80A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212B80A-V5T2U Datasheet(HTML) 12 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
12
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
ON / OFF
*1. CIN is a capacitor for stabilizing the input.
*2. CL is a capacitor for stabilizing the output.
Figure 14
Caution The above connection diagram and constants will not guarantee successful operation. Perform
thorough evaluation using an actual application to set the constants.
Condition of Application
Input capacitor (CIN):
A ceramic capacitor with capacitance of 1.0
μF or more is recommended.
Output capacitor (CL):
A ceramic capacitor with capacitance of 1.0
μF to 100 μF is recommended.
Caution Generally, in a voltage regulator, an oscillation may occur depending on the selection of the external
parts. Perform thorough evaluation including the temperature characteristics with an actual
application using the above capacitors to confirm no oscillation occurs.
Selection of Input Capacitor (CIN) and Output Capacitor (CL)
The S-19212B/DxxA Series requires CL between the VOUT pin and the VSS pin for phase compensation. The
operation is stabilized by a ceramic capacitor with capacitance of 1.0
μF to 100 μF. When using an OS capacitor, a
tantalum capacitor or an aluminum electrolytic capacitor, the capacitance also must be 1.0
μF to 100 μF. However, an
oscillation may occur depending on the equivalent series resistance (ESR).
Moreover, the S-19212B/DxxA Series requires CIN between the VIN pin and the VSS pin for a stable operation.
Generally, an oscillaiton may occur when a voltage regulator is used under the conditon that the impedance of the
power supply is high.
Note that the output voltage transient characteristics varies depending on the capacitance of CIN and CL and the value
of ESR.
Caution Perform thorough evaluation including the temperature characteristics with an actual application to
select CIN and CL.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn