Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212B80A-V5T2U Datasheet(HTML) 15 Page - ABLIC Inc.

Part No. S-19212B80A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212B80A-V5T2U Datasheet(HTML) 15 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
15
3. ON / OFF pin
The ON / OFF pin controls the internal circuit and the output transistor in order to start and stop the regulator. When
the ON / OFF pin is set to OFF, the internal circuit stops operating and the output transistor between the VIN pin
and the VOUT pin is turned off, reducing current consumption significantly.
The internal equivalent circuit related to the ON / OFF pin is configured as shown in Figure 16. Since the ON / OFF
pin is neither pulled down nor pulled up, do not use it in the floating status. When not using the ON / OFF pin,
connect it to the VIN pin. Note that the current consumption increases when a voltage of VSL max.*1 to VIN
− 0.3 V is
applied to the ON / OFF pin.
Table 14
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
B / D
"H": ON
Operate
Constant value*2
ISS1
B / D
"L": OFF
Stop
Pulled down to VSS*3
ISS2
*1. Refer to Table 13 in " Electrical Characteristics".
*2. The constant value is output due to the regulating based on the set output voltage value.
*3. The VOUT pin voltage is pulled down to VSS due to combined resistance (RLOW = 70 k
Ω typ.) of the discharge
shunt circuit and the feedback resistors, and a load.
VSS
ON / OFF
VIN
Figure 16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn