Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212B80A-V5T2U Datasheet(HTML) 16 Page - ABLIC Inc.

Part No. S-19212B80A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212B80A-V5T2U Datasheet(HTML) 16 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
16
4. Discharge shunt function
The S-19212B/DxxA Series has a built-in discharge shunt circuit to discharge the output capacitance. The output
capacitance is discharged as follows so that the VOUT pin reaches the VSS level.
(1) The ON / OFF pin is set to OFF level.
(2) The output transistor is turned off.
(3) The discharge shunt circuit is turned on.
(4) The output capacitor discharges.
VIN
ON / OFF
VSS
ON / OFF Circuit
Output transistor: OFF
Discharge shunt circuit
: ON
VOUT
*1
ON / OFF pin
: OFF
*1. Parasitic diode
Current flow
GND
Output
capacitor
(CL)
*1
S-19212B/DxxA Series
Figure 17
5. Overcurrent protection circuit
The S-19212B/DxxA Series has a built-in overcurrent protection circuit to limit the overcurrent of the output
transistor. When the VOUT pin is shorted to the VSS pin, that is, at the time of the output short-circuit, the output
current is limited to 120 mA typ. due to the overcurrent protection circuit operation. The S-19212B/DxxA Series
restarts regulating when the output transistor is released from the overcurrent status.
Caution 1. This overcurrent protection circuit does not work as for thermal protection. For example, when
the output transistor keeps the overcurrent status long at the time of output short-circuit or
due to other reasons, pay attention to the conditions of the input voltage and the load current
so as not to exceed the power dissipation.
2. Note that any interference may be caused in the output voltage start-up when a load heavier
than
VOUT(S)
100 mA is connected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn