Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212B80A-V5T2U Datasheet(HTML) 21 Page - ABLIC Inc.

Part No. S-19212B80A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212B80A-V5T2U Datasheet(HTML) 21 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
21
5. Dropout voltage vs. Set output voltage (Ta =
+25°C)
4.0
8.0
12.0
16.0
0.0
1.0
0.0
VOUT(S) [V]
0.8
0.6
0.4
0.2
IOUT = 0.1 mA
IOUT = 10 mA
IOUT = 40 mA
IOUT = 125 mA
IOUT = 250 mA
6. Output voltage vs. Junction temperature
6. 1 VOUT = 2.5 V
VIN = 4.5 V
6. 2 VOUT = 5.0 V
VIN = 7.0 V
−25 0
150
125
100
75
50
25
−40
2.45
2.55
Tj [
°C]
2.53
2.51
2.49
2.47
−25 0
150
125
100
75
50
25
−40
4.90
5.10
Tj [
°C]
5.06
5.02
4.98
4.94
6. 3 VOUT = 16.0 V
VIN = 18.0 V
−25 0
150
125
100
75
50
25
−40
15.68
16.28
Tj [
°C]
16.18
16.08
15.98
15.88
15.78


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn