Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212BC5A-V5T2U Datasheet(HTML) 14 Page - ABLIC Inc.

Part No. S-19212BC5A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212BC5A-V5T2U Datasheet(HTML) 14 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
14
Operation
1. Basic operation
Figure 15 shows the block diagram of the S-19212B/DxxA Series to describe the basic operation.
The error amplifier compares the feedback voltage (Vfb) whose output voltage (VOUT) is divided by the feedback
resistors (Rs and Rf) with the reference voltage (Vref). The error amplifier controls the output transistor,
consequently, the regulator starts the operation that keeps VOUT constant without the influence of the input voltage
(VIN).
VOUT
*1
VSS
VIN
Rs
Rf
Error amplifier
Current
supply
Vref
Vfb
+
Reference voltage
circuit
*1. Parasitic diode
Figure 15
2. Output transistor
In the S-19212B/DxxA Series, a low on-resistance P-channel MOS FET is used between the VIN pin and the VOUT
pin as the output transistor. In order to keep VOUT constant, the on-resistance of the output transistor varies
appropriately according to the output current (IOUT).
Caution Since a parasitic diode exists between the VIN pin and the VOUT pin due to the structure of the
transistor, the IC may be damaged by a reverse current if VOUT becomes higher than VIN.
Therefore, be sure that VOUT does not exceed VIN
+ 0.3 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn