Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19212BC5A-V5T2U Datasheet(PDF) 16 Page - ABLIC Inc.

Part # S-19212BC5A-V5T2U
Description  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19212BC5A-V5T2U Datasheet(HTML) 16 Page - ABLIC Inc.

Back Button S-19212BC5A-V5T2U Datasheet HTML 12Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 13Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 14Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 15Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 16Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 17Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 18Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 19Page - ABLIC Inc. S-19212BC5A-V5T2U Datasheet HTML 20Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
16
4. Discharge shunt function
The S-19212B/DxxA Series has a built-in discharge shunt circuit to discharge the output capacitance. The output
capacitance is discharged as follows so that the VOUT pin reaches the VSS level.
(1) The ON / OFF pin is set to OFF level.
(2) The output transistor is turned off.
(3) The discharge shunt circuit is turned on.
(4) The output capacitor discharges.
VIN
ON / OFF
VSS
ON / OFF Circuit
Output transistor: OFF
Discharge shunt circuit
: ON
VOUT
*1
ON / OFF pin
: OFF
*1. Parasitic diode
Current flow
GND
Output
capacitor
(CL)
*1
S-19212B/DxxA Series
Figure 17
5. Overcurrent protection circuit
The S-19212B/DxxA Series has a built-in overcurrent protection circuit to limit the overcurrent of the output
transistor. When the VOUT pin is shorted to the VSS pin, that is, at the time of the output short-circuit, the output
current is limited to 120 mA typ. due to the overcurrent protection circuit operation. The S-19212B/DxxA Series
restarts regulating when the output transistor is released from the overcurrent status.
Caution 1. This overcurrent protection circuit does not work as for thermal protection. For example, when
the output transistor keeps the overcurrent status long at the time of output short-circuit or
due to other reasons, pay attention to the conditions of the input voltage and the load current
so as not to exceed the power dissipation.
2. Note that any interference may be caused in the output voltage start-up when a load heavier
than
VOUT(S)
100 mA is connected.


Similar Part No. - S-19212BC5A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212BC5A-V5T2U SII-S-19212BC5A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212BC5A-V5T2U SII-S-19212BC5A-V5T2U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19212BC5A-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com