Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212BC5A-V5T2U Datasheet(HTML) 19 Page - ABLIC Inc.

Part No. S-19212BC5A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212BC5A-V5T2U Datasheet(HTML) 19 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
19
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 2.5 V
1. 2 VOUT = 5.0 V
100 200 300 400 500 600 700 800
0
3.0
1.5
1.0
0.5
2.0
2.5
0.0
IOUT [mA]
VIN = 3.0 V
VIN = 4.5 V
VIN = 3.5 V
VIN = 9.0 V
100 200 300 400 500 600 700 800
0
6.0
3.0
2.0
1.0
4.0
5.0
0.0
IOUT [mA]
VIN = 5.5 V
VIN = 7.0 V
VIN = 6.0 V
VIN = 9.0 V
Remark In determining the output current, attention should be paid to the following.
1. The minimum output current value and footnote *4 of Table 13 in " Electrical Characteristics"
2. Power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 2.5 V
2. 2 VOUT = 5.0 V
6
1218243036
0
2.9
1.7
VIN [V]
2.3
1.9
2.5
2.1
2.7
IOUT = 0.1 mA
IOUT = 10 mA
IOUT = 40 mA
6
1218243036
0
5.4
4.2
VIN [V]
4.8
4.4
5.0
4.6
5.2
IOUT = 0.1 mA
IOUT = 10 mA
IOUT = 40 mA
2. 3 VOUT = 16.0 V
6
1218243036
0
16.4
15.2
VIN [V]
15.8
15.4
16.0
15.6
16.2
IOUT = 0.1 mA
IOUT = 10 mA
IOUT = 40 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn