Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212BC5A-V5T2U Datasheet(HTML) 24 Page - ABLIC Inc.

Part No. S-19212BC5A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212BC5A-V5T2U Datasheet(HTML) 24 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
24
Reference Data
1. Characteristics of input transient response (Ta =
+25°C)
1. 1 VOUT = 2.5 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
1. 2 VOUT = 5.0 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
t [ms]
3.3
2.3
15
5
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
3.1
2.9
2.7
2.5
13
11
9
7
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
t [ms]
5.8
4.8
15
5
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
5.6
5.4
5.2
5.0
13
11
9
7
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
1. 3 VOUT = 16.0 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 18.0 V ↔ 19.5 V, tr = tf = 5.0 μs
t [ms]
16.8
15.8
21
11
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
16.6
16.4
16.2
16.0
19
17
15
13
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
2. Characteristics of load transient response (Ta =
+25°C)
2. 1 VOUT = 2.5 V
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
2. 2 VOUT = 5.0 V
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
2.9
2.3
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
2.6
2.4
2.7
2.5
2.8
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF
t [ms]
5.4
4.8
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
5.1
4.9
5.2
5.0
5.3
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF
2. 3 VOUT = 16.0 V
VIN = 18.0 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
16.4
15.8
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
16.1
15.9
16.2
16.0
16.3
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn