Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212BC5A-V5T2U Datasheet(HTML) 27 Page - ABLIC Inc.

Part No. S-19212BC5A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212BC5A-V5T2U Datasheet(HTML) 27 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
27
Power Dissipation
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
°C]
Tj =
+150°C max.
TO-252-5S(A)
E
D
C
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
°C]
Tj =
+150°C max.
HSOP-8A
E
D
C
B
A
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.39 W
A
1.09 W
B
2.16 W
B
1.52 W
C
3.29 W
C
2.98 W
D
4.17 W
D
2.91 W
E
4.31 W
E
3.57 W
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
°C]
Tj =
+150°C max.
HSOP-6
E
D
B
A
0
25
50
75
100
125
150
175
0
1
2
3
4
5
Ambient temperature (Ta) [
°C]
Tj =
+150°C max.
SOT-89-5
E
D
B
A
Board
Power Dissipation (PD)
Board
Power Dissipation (PD)
A
1.18 W
A
1.02 W
B
1.52 W
B
1.39 W
C
C
D
2.45 W
D
2.36 W
E
2.60 W
E
3.05 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn