Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19243A18A-U5T1U Datasheet(PDF) 25 Page - ABLIC Inc.

Part # S-19243A18A-U5T1U
Description  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243A18A-U5T1U Datasheet(HTML) 25 Page - ABLIC Inc.

Back Button S-19243A18A-U5T1U Datasheet HTML 21Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 22Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 23Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 24Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 25Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 26Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 27Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 28Page - ABLIC Inc. S-19243A18A-U5T1U Datasheet HTML 29Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243xxxA Series
25
Condition of Application
Input capacitor (CIN):
A ceramic capacitor with capacitance of 2.2
μF or more is recommended.
Output capacitor (CL):
A ceramic capacitor with capacitance of 2.2
μF or more is recommended.
Caution Generally, in a voltage regulator, an oscillation may occur depending on the selection of the external
parts. Perform thorough evaluation including the temperature characteristics with an actual
application using the above capacitors to confirm no oscillation occurs.
Selection of Input Capacitor (CIN) and Output Capacitor (CL)
The S-19243xxxA Series requires CL between the VOUT pin and the VSS pin for phase compensation. The operation
is stabilized by a ceramic capacitor with capacitance of 2.2
μF or more. When using an OS capacitor, a tantalum
capacitor or an aluminum electrolytic capacitor, the capacitance also must be 2.2
μF or more. However, an oscillation
may occur depending on the equivalent series resistance (ESR).
Moreover, the S-19243xxxA Series requires CIN between the VIN pin and the VSS pin for a stable operation.
Generally, an oscillaiton may occur when a voltage regulator is used under the conditon that the impedance of the
power supply is high.
Note that the output voltage transient characteristics varies depending on the capacitance of CIN and CL and the value
of ESR.
Caution Perform thorough evaluation including the temperature characteristics with an actual application to
select CIN and CL.
Selection of Capacitor for Soft-start (CSS)
The S-19243xxxA Series E / F / G / H type requires the capacitor for soft-start (CSS) between the SSC pin and the
VSS pin. Over the entire temperature range, the S-19243xxxA Series operates stably with a ceramic capacitor of 0.68
nF or more. According to CSS capacitance, the rising speed of the output voltage is adjustable. The time that the
output voltage rises to 99% is 6.0 ms typ. at CSS = 10 nF. The recommended value for applications is 0.68 nF
≤ CSS
168 nF, however; define the values by sufficient evaluation including the temperature characteristics under the usage
condition.
Selection of Resistor for Output Voltage External Setting (Ra, Rb)
The S-19243xxxA Series provides the types in which output voltage can be set via the external resistor. The output
voltage can be set by connecting a resistor (Ra) between the VOUT pin and the VADJ pin, and a resistor (Rb) between
the VADJ pin and the VSS pin.
Depending on the intended output voltage, select Ra and Rb from the range shown in Table 27.
Caution Since the VADJ pin impedance is comparatively high and is easily affected by noise, pay adequate
attention to the wiring pattern.
Table 27
VOUT
Ra
Rb
1.0 V
Connect to VOUT pin
Unnecessary
1.05 V to 9.0 V
0.1 k
Ω to 1.2 MΩ
2 k
Ω to 200 kΩ


Similar Part No. - S-19243A18A-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A18A-U5T1U SII-S-19243A18A-U5T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A18A-U5T1U SII-S-19243A18A-U5T1U Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19243A18A-U5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com