Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19243A50A-U5T1U Datasheet(PDF) 28 Page - ABLIC Inc.

Part # S-19243A50A-U5T1U
Description  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243A50A-U5T1U Datasheet(HTML) 28 Page - ABLIC Inc.

Back Button S-19243A50A-U5T1U Datasheet HTML 24Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 25Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 26Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 27Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 28Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 29Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 30Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 31Page - ABLIC Inc. S-19243A50A-U5T1U Datasheet HTML 32Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxA Series
Rev.3.2_00
28
3. ON / OFF pin
The ON / OFF pin controls the internal circuit and the output transistor in order to start and stop the regulator. When
the ON / OFF pin is set to OFF, the internal circuit stops operating and the output transistor between the VIN pin
and the VOUT pin is turned off, reducing current consumption significantly.
Note that the current consumption increases when a voltage of 0.6 V to VIN
− 0.3 V is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figure 30 and Figure 31.
3. 1 S-19243xxxA Series A / C / E / G type
Since the ON / OFF pin is internally pulled down to the VSS pin in the floating status, the VOUT pin is set to the
VSS level.
Refer to " Electrical Characteristics" for the ON / OFF pin current.
3. 2 S-19243xxxA Series B / D / F / H type
Since the ON / OFF pin is neither pulled down nor pulled up, do not use these types in the floating status. When
not using the ON / OFF pin, connect it to the VIN pin.
Table 28
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A / B / C / D
E / F / G / H
"H" : ON
Operate
Constant value
*1
ISS1
*2
A / B / C / D
E / F / G / H
"L" : OFF
Stop
Pulled down to VSS
*3
ISS2
*1. The constant value is output due to the regulating based on the set output voltage value.
*2. Note that the IC's current consumption increases as much as current flows into the pull-down resistor when
the ON / OFF pin is connected to the VIN pin and the S-19243xxxA Series A / C / E / G type is operating (refer
to Figure 30).
*3. The VOUT pin voltage of the S-19243xxxA Series A / B / E / F type is pulled down to VSS due to the discharge
shunt circuit (RLOW = 100
Ω typ.), the feedback resistors (Rs and Rf) and a load.
VSS
VIN
ON / OFF
VSS
VIN
ON / OFF
Figure 30 S-19243xxxA Series
A / C / E / G type
Figure 31 S-19243xxxA Series
B / D / F / H type


Similar Part No. - S-19243A50A-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A50A-U5T1U SII-S-19243A50A-U5T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A50A-U5T1U SII-S-19243A50A-U5T1U Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19243A50A-U5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com