Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244B12H-A8T1U Datasheet(HTML) 14 Page - ABLIC Inc.

Part No. S-19244B12H-A8T1U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244B12H-A8T1U Datasheet(HTML) 14 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
14
Absolute Maximum Ratings
Table 21
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 12
V
VON / OFF
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VSSC
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
VVADJ
VSS
− 0.3 to VSS + 12
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 12
V
Output current
IOUT
1100
mA
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 22
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θJA
TO-252-5S(A)
Board A
86
°C/W
Board B
60
°C/W
Board C
38
°C/W
Board D
31
°C/W
Board E
28
°C/W
HSOP-8A
Board A
104
°C/W
Board B
74
°C/W
Board C
39
°C/W
Board D
37
°C/W
Board E
31
°C/W
HSOP-6
Board A
96
°C/W
Board B
74
°C/W
Board C
°C/W
Board D
44
°C/W
Board E
41
°C/W
HSNT-8(2030)
Board A
181
°C/W
Board B
135
°C/W
Board C
40
°C/W
Board D
42
°C/W
Board E
32
°C/W
*1.
Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn