Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244B12H-A8T1U Datasheet(HTML) 17 Page - ABLIC Inc.

Part No. S-19244B12H-A8T1U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244B12H-A8T1U Datasheet(HTML) 17 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxH Series
17
2. Types in which output voltage is externally set (S-19244x00, HSOP-8A, HSOP-6, HSNT-8(2030))
Table 24
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Adjustment pin output
voltage
*1
VVADJ
VOUT = VVADJ, VIN = 2.5 V, IOUT = 100 mA,
Tj =
−40°C to +105°C
0.977
1.0
1.023
V
8
Output voltage range VROUT
1.0
9.0
V
15
Adjustment pin
internal resistance
RVADJ
600
k
Ω
Output current
*2
IOUT
VOUT = VVADJ, VIN = 2.5 V
1000
*5
mA
10
Dropout voltage
*3
Vdrop
VOUT = VVADJ, IOUT = 300 mA, Ta =
+25°C
*4
V
8
VOUT = VVADJ, IOUT = 1000 mA, Ta =
+25°C
*4
V
8
Line regulation
ΔVOUT1
ΔVIN • VOUT
VOUT = VVADJ, 2.5 V
≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
0.05
0.2
%/V
8
Load regulation
ΔVOUT2
VOUT = VVADJ, VIN = 2.5 V,
1 mA
≤ IOUT ≤ 300 mA, Ta = +25°C
15
30
mV
8
Current consumption
during operation
ISS1
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = ON, no load
120
150
μA9
Current consumption
during power-off
ISS2
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +105°C
0.1
4.5
μA9
Input voltage
VIN
2.5
10
V
ON / OFF pin
input voltage "H"
VSH
VOUT = VVADJ, VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output level
2.1
V
11
ON / OFF pin
input voltage "L"
VSL
VOUT = VVADJ, VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output level
0.6
V
11
ON / OFF pin
input current "H"
ISH
VIN = 10 V,
ON / OFF = 10 V
B / D / F / H type
−0.1
0.1
μA11
A / C / E / G type
0.8
2.5
7.8
μA11
ON / OFF pin
input current "L"
ISL
VIN = 10 V, ON / OFF = 0 V
−0.1
0.1
μA11
Ripple rejection
|RR|
VOUT = VVADJ, VIN = 3.0 V, f = 1 kHz,
ΔVrip = 0.5 Vrms, IOUT = 100 mA
60
dB
12
Short-circuit current
Ishort
VOUT = VVADJ, VIN = 2.5 V, ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
330
mA
10
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
Discharge shunt
resistance during
power-off
RLOW
VIN = 10 V, VOUT = 0.1 V
A / B / E / F type
100
Ω
13
ON / OFF pin
pull-down resistance
RPD
A / C / E / G type
1.3
4.0
12
M
Ω
11
Soft-start time
*6
tSS
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = ON
A / B / C / D type
1.0
ms
14
*1. Output voltage when fixing IOUT (= 100 mA) and inputting 2.5 V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V, and IOUT = 300 mA or 1000 mA.
*4. The dropout voltage is limited by the difference between the input voltage (min. value) and the set output voltage.
In case of set output voltage (VOUT(S)) = 1.0 V: 2.5 V
− VOUT(S) = Vdrop
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.
*6. Soft-start time shows the time period from immediately after power-on or when the ON / OFF pin is set to ON until the
output voltage rises to 99%. Refer to "8. Soft-start function" in " Operation" for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn