Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244B12H-A8T1U Datasheet(HTML) 36 Page - ABLIC Inc.

Part No. S-19244B12H-A8T1U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244B12H-A8T1U Datasheet(HTML) 36 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
36
6. Output voltage vs. Junction temperature
6. 1 VOUT = 1.0 V
VIN = 2.5 V
6. 2 VOUT = 3.0 V
VIN = 4.0 V
−25 0
150
125
100
75
50
25
−40
0.90
1.10
Tj [
C]
1.05
1.00
0.95
−25 0
150
125
100
75
50
25
−40
2.70
3.30
Tj [
C]
3.00
2.80
3.10
2.90
3.20
6. 3 VOUT = 6.0 V
VIN = 7.0 V
−25 0
150
125
100
75
50
25
−40
5.40
6.60
Tj [
C]
6.30
6.00
5.70
7. Current consumption during operation vs. Input voltage (When ON / OFF pin is ON, no load)
7. 1 VOUT = 1.0 V
7. 2 VOUT = 3.0 V
10
0
160
0
VIN [V]
120
80
40
9
8
7
6
5
4
3
2
1
Tj =
150C
Tj =
25C
Tj =
40C
10
0
160
0
VIN [V]
120
80
40
9
8
7
6
5
4
3
2
1
Tj =
150C
Tj =
25C
Tj =
40C
7. 3 VOUT = 6.0 V
10
0
160
0
VIN [V]
120
80
40
9
8
7
6
5
4
3
2
1
Tj =
150C
Tj =
25C
Tj =
40C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn