Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244B12H-A8T1U Datasheet(HTML) 42 Page - ABLIC Inc.

Part No. S-19244B12H-A8T1U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244B12H-A8T1U Datasheet(HTML) 42 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
42
6. Inrush current characteristics (Ta =
+25°C) (S-19244xxxH Series E / F / G / H type)
6. 1 VOUT = 1.0 V
VIN = 2.5 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 1 nF
VIN = 2.5 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 10 nF
t [
s]
0.00
2.00
1.00
1.00
2.00
3.00
3.00
800
600
400
200
1000
1200
0
0
400
400
1200
800
1600 2000 2400
VOUT
IIN
VON / OFF
t [
s]
0.00
2.00
1.00
1.00
2.00
3.00
3.00
800
600
400
200
1000
1200
0
0
4000
4000
12000
8000
16000 20000 24000
VOUT
IIN
VON / OFF
6. 2 VOUT = 3.0 V
VIN = 4.0 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 1 nF
VIN = 4.0 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 10 nF
t [
s]
0.00
4.00
2.00
2.00
4.00
6.00
6.00
800
600
400
200
1000
1200
0
0
400
400
1200
800
1600 2000 2400
VOUT
IIN
VON / OFF
t [
s]
0.00
4.00
2.00
2.00
4.00
6.00
6.00
800
600
400
200
1000
1200
0
0
4000
4000
12000
8000
16000 20000 24000
VOUT
IIN
VON / OFF
6. 3 VOUT = 6.0 V
VIN = 7.0 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 1 nF
VIN = 7.0 V, IOUT = 100 mA, CL = 2.2
μF, CSS = 10 nF
t [
s]
2.00
2.00
4.00
0.00
6.00
8.00
4.00
800
600
400
200
1000
1200
0
0
400
400
1200
800
1600 2000 2400
VOUT
IIN
VON / OFF
t [
s]
2.00
2.00
4.00
0.00
6.00
8.00
4.00
800
600
400
200
1000
1200
0
0
4000
4000
12000
8000
16000 20000 24000
VOUT
IIN
VON / OFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn