Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19243B18H-A8T1U Datasheet(PDF) 44 Page - ABLIC Inc.

Part # S-19243B18H-A8T1U
Description  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243B18H-A8T1U Datasheet(HTML) 44 Page - ABLIC Inc.

Back Button S-19243B18H-A8T1U Datasheet HTML 40Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 41Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 42Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 43Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 44Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 45Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 46Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 47Page - ABLIC Inc. S-19243B18H-A8T1U Datasheet HTML 48Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
44
7. Output capacitance vs. Characteristics of discharge time (Ta =
+25°C)
VIN = 2.5 V, VON / OFF = 2.5 V
→ VSS (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = VOUT + 1.0 V → VSS (1.5 V ≤ VOUT(S)),
IOUT = 1 mA, tf = 1
μs
120
0
CL [
F]
30
0
15
5
20
10
25
100
80
60
40
20
VOUT(S) = 1.0 V
VOUT(S) = 3.0 V
VOUT(S) = 6.0 V
VOUT
VON / OFF
1
μs
tDSC
VOUT
× 10%
VSS
VIN = 2.5 V, VON / OFF = 2.5 V
→ VSS (VOUT(S) < 1.5 V),
VIN = VOUT
+ 1.0 V, VON / OFF = VOUT + 1.0 V → VSS (1.5 V ≤ VOUT(S))
Figure 35 S-19243xxxH Series A / B type
(with discharge shunt function)
Figure 36 Measurement Condition of Discharge Time
8. Example of equivalent series resistance vs. Output current characteristics (Ta =
+25°C)
100
1.0
500
IOUT [mA]
CIN = CL = 2.2
μF
0
Stable
CIN
VIN
VSS
S-19243xxxH
Series
VOUT
ON / OFF
CL
*1
RESR
SSC
CSS
*1. CL: TDK Corporation CGA6M2X8R1E225K (2.2
μF)
Figure 37
Figure 38


Similar Part No. - S-19243B18H-A8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243B18H-A8T1U SII-S-19243B18H-A8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243B18H-A8T1U SII-S-19243B18H-A8T1U Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19243B18H-A8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com