Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19243B50A-A8T1U Datasheet(HTML) 35 Page - ABLIC Inc.

Part No. S-19243B50A-A8T1U
Description  AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19243B50A-A8T1U Datasheet(HTML) 35 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 74 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243xxxA Series
35
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 1.0 V
1. 2 VOUT = 3.0 V
0.6
0.2
0.8
0.4
0.0
1.0
1.2
IOUT [mA]
200
400
600
800
1000
0
VIN = 2.5 V
VIN = 3.0 V
1.8
0.6
2.4
1.2
0.0
3.0
3.6
IOUT [mA]
200
400
600
800
1000
0
VIN = 3.5 V
VIN = 4.0 V
VIN = 5.0 V
1. 3 VOUT = 6.0 V
3.6
1.2
4.8
2.4
0.0
6.0
7.2
IOUT [mA]
200
400
600
800
1000
0
VIN = 6.5 V
VIN = 7.0 V
VIN = 8.0 V
Remark In determining the output current, attention should be paid to the following.
1. The minimum output current value and footnote *5 of Table 25 and Table 26 in " Electrical Characteristics"
2. Power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 1.0 V
2. 2 VOUT = 3.0 V
10
0
VIN [V]
9
8
7
6
5
4
3
2
1
0.8
0.6
0.9
0.7
0.5
1.0
1.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA
10
VIN [V]
9
8
7
6
5
4
3
2
2.8
2.6
2.9
2.7
2.5
3.0
3.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA
2. 3 VOUT = 6.0 V
10.0
5.0
VIN [V]
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.8
5.6
5.9
5.7
5.5
6.0
6.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn