Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244D18A-E8T1U Datasheet(PDF) 15 Page - ABLIC Inc.

Part # S-19244D18A-E8T1U
Description  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244D18A-E8T1U Datasheet(HTML) 15 Page - ABLIC Inc.

Back Button S-19244D18A-E8T1U Datasheet HTML 11Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 12Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 13Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 14Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 15Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 16Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 17Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 18Page - ABLIC Inc. S-19244D18A-E8T1U Datasheet HTML 19Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxA Series
15
Electrical Characteristics
1. Types in which output voltage is internally set (S-19244x10 to S-19244x60)
Table 23 (1 / 2)
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = 2.5 V, IOUT = 100 mA,
Tj =
−40°C to +125°C
VOUT(S)
< 1.5 V
VOUT(S)
× 0.977
VOUT(S)
VOUT(S)
× 1.023
V
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 100 mA,
Tj =
−40°C to +125°C
1.5 V
≤ VOUT(S)
VOUT(S)
× 0.977
VOUT(S)
VOUT(S)
× 1.023
V
1
Output current
*2
IOUT
VIN = 2.5 V
VOUT(S)
< 1.5 V 1000*5
mA
3
VIN
≥ VOUT(S) + 1.0 V
1.5 V
≤ VOUT(S) 1000*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 300 mA,
Ta =
+25°C
1.0 V
≤ VOUT(S) < 2.0 V
*4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.52
V
1
2.6 V
≤ VOUT(S) ≤ 6.0 V
0.11
V
1
IOUT = 1000 mA,
Ta =
+25°C
1.0 V
≤ VOUT(S) < 2.0 V
*4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.54
V
1
2.6 V
≤ VOUT(S) ≤ 6.0 V
0.38
V
1
Line regulation
ΔVOUT1
ΔVIN • VOUT
2.5 V
≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
VOUT(S)
< 2.0 V
0.05
0.2
%/V
1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
2.0 V
≤ VOUT(S)
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = 2.5 V,
1 mA
≤ IOUT ≤ 300 mA,
Ta =
+25°C
VOUT(S)
< 1.5 V
15
30
mV
1
VIN = VOUT(S)
+ 1.0 V,
1 mA
≤ IOUT ≤ 300 mA,
Ta =
+25°C
1.5 V
≤ VOUT(S)
15
30
mV
1
Current
consumption
during operation
ISS1
VIN = 2.5 V,
ON / OFF pin = ON, no load
VOUT(S)
< 1.5 V
120
150
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON, no load
1.5 V
≤ VOUT(S)
120
150
μA2
Current
consumption
during power-off
ISS2
VIN = 2.5 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +125°C
VOUT(S)
< 1.5 V
0.1
10.5
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +125°C
1.5 V
≤ VOUT(S)
0.1
10.5
μA2
Input voltage
VIN
2.5
10
V


Similar Part No. - S-19244D18A-E8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19244D18A-E8T1U SII-S-19244D18A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244D18A-E8T1U SII-S-19244D18A-E8T1U Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19244D18A-E8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com