Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244E33H-V5T2U Datasheet(PDF) 27 Page - ABLIC Inc.

Part # S-19244E33H-V5T2U
Description  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244E33H-V5T2U Datasheet(HTML) 27 Page - ABLIC Inc.

Back Button S-19244E33H-V5T2U Datasheet HTML 23Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 24Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 25Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 26Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 27Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 28Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 29Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 30Page - ABLIC Inc. S-19244E33H-V5T2U Datasheet HTML 31Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxH Series
27
3. ON / OFF pin
The ON / OFF pin controls the internal circuit and the output transistor in order to start and stop the regulator. When
the ON / OFF pin is set to OFF, the internal circuit stops operating and the output transistor between the VIN pin
and the VOUT pin is turned off, reducing current consumption significantly.
Note that the current consumption increases when a voltage of 0.6 V to VIN
− 0.3 V is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figure 29 and Figure 30.
3. 1 S-19244xxxH Series A / C / E / G type
Since the ON / OFF pin is internally pulled down to the VSS pin in the floating status, the VOUT pin is set to the
VSS level.
Refer to " Electrical Characteristics" for the ON / OFF pin current.
3. 2 S-19244xxxH Series B / D / F / H type
Since the ON / OFF pin is neither pulled down nor pulled up, do not use these types in the floating status. When
not using the ON / OFF pin, connect it to the VIN pin.
Table 26
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A / B / C / D
E / F / G / H
"H" : ON
Operate
Constant value
*1
ISS1
*2
A / B / C / D
E / F / G / H
"L" : OFF
Stop
Pulled down to VSS
*3
ISS2
*1. The constant value is output due to the regulating based on the set output voltage value.
*2. Note that the IC's current consumption increases as much as current flows into the pull-down resistor when
the ON / OFF pin is connected to the VIN pin and the S-19244xxxH Series A / C / E / G type is operating (refer
to Figure 29).
*3. The VOUT pin voltage of the S-19244xxxH Series A / B / E / F type is pulled down to VSS due to the discharge
shunt circuit (RLOW = 100
Ω typ.), the feedback resistors (Rs and Rf) and a load.
VSS
VIN
ON / OFF
VSS
VIN
ON / OFF
Figure 29 S-19244xxxH Series
A / C / E / G type
Figure 30 S-19244xxxH Series
B / D / F / H type


Similar Part No. - S-19244E33H-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19244E33H-V5T2U SII-S-19244E33H-V5T2U Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19244E33H-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com