Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244E50H-V5T2U Datasheet(PDF) 29 Page - ABLIC Inc.

Part # S-19244E50H-V5T2U
Description  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244E50H-V5T2U Datasheet(HTML) 29 Page - ABLIC Inc.

Back Button S-19244E50H-V5T2U Datasheet HTML 25Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 26Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 27Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 28Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 29Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 30Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 31Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 32Page - ABLIC Inc. S-19244E50H-V5T2U Datasheet HTML 33Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxH Series
29
6. Overcurrent protection circuit
The S-19244xxxH Series has a built-in overcurrent protection circuit to limit the overcurrent of the output transistor.
When the VOUT pin is shorted to the VSS pin, that is, at the time of the output short-circuit, the output current is
limited to 330 mA typ. due to the overcurrent protection circuit operation. The S-19244xxxH Series restarts
regulating when the output transistor is released from the overcurrent status.
Caution
This overcurrent protection circuit does not work as for thermal protection. For example, when
the output transistor keeps the overcurrent status long at the time of output short-circuit or
due to other reasons, pay attention to the conditions of the input voltage and the load current
so as not to exceed the power dissipation.
7. Thermal shutdown circuit
The S-19244xxxH Series has a built-in thermal shutdown circuit to limit overheating. When the junction temperature
increases to 170
°C typ., the thermal shutdown circuit becomes the detection status, and the regulating is stopped.
When the junction temperature decreases to 135
°C typ., the thermal shutdown circuit becomes the release status,
and the regulator is restarted.
If the thermal shutdown circuit becomes the detection status due to self-heating, the regulating is stopped and VOUT
decreases. For this reason, the self-heating is limited and the temperature of the IC decreases. The thermal
shutdown circuit becomes release status when the temperature of the IC decreases, and the regulating is restarted
after the soft-start operation is finished, thus the self-heating is generated again. Repeating this procedure makes
the waveform of VOUT into a pulse-like form. This phenomenon continues unless decreasing either or both of the
input voltage and the output current in order to reduce the internal power consumption, or decreasing the ambient
temperature. Note that the product may suffer physical damage such as deterioration if the above phenomenon
occurs continuously.
Caution
When the heat radiation of the application is not in a good condition, the self-heating cannot be
limited immediately, and the IC may suffer physical damage. Perform thorough evaluation with
an actual application to confirm no problems happen.
Table 27
Thermal Shutdown Circuit
VOUT Pin Voltage
Release: 135
°C typ.
*1
Constant value
*2
Detection: 170
°C typ.
*1
Pulled down to VSS
*3
*1. Junction temperature
*2. The constant value is output due to the regulating based on the set output voltage value.
*3. The VOUT pin voltage is pulled down to VSS due to the feedback resistors (Rs and Rf) and a load.


Similar Part No. - S-19244E50H-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19244E50H-V5T2U SII-S-19244E50H-V5T2U Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19244E50H-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com