Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244F12H-V5T2U Datasheet(HTML) 15 Page - ABLIC Inc.

Part No. S-19244F12H-V5T2U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244F12H-V5T2U Datasheet(HTML) 15 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxH Series
15
Electrical Characteristics
1. Types in which output voltage is internally set (S-19244x10 to S-19244x60)
Table 23 (1 / 2)
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = 2.5 V, IOUT = 100 mA,
Tj =
−40°C to +105°C
VOUT(S)
< 1.5 V
VOUT(S)
× 0.977
VOUT(S)
VOUT(S)
× 1.023
V
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 100 mA,
Tj =
−40°C to +105°C
1.5 V
≤ VOUT(S)
VOUT(S)
× 0.977
VOUT(S)
VOUT(S)
× 1.023
V
1
Output current
*2
IOUT
VIN = 2.5 V
VOUT(S)
< 1.5 V 1000*5
mA
3
VIN
≥ VOUT(S) + 1.0 V
1.5 V
≤ VOUT(S) 1000*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 300 mA,
Ta =
+25°C
1.0 V
≤ VOUT(S) < 2.0 V
*4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.52
V
1
2.6 V
≤ VOUT(S) ≤ 6.0 V
0.11
V
1
IOUT = 1000 mA,
Ta =
+25°C
1.0 V
≤ VOUT(S) < 2.0 V
*4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.54
V
1
2.6 V
≤ VOUT(S) ≤ 6.0 V
0.38
V
1
Line regulation
ΔVOUT1
ΔVIN • VOUT
2.5 V
≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
VOUT(S)
< 2.0 V
0.05
0.2
%/V
1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
2.0 V
≤ VOUT(S)
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = 2.5 V,
1 mA
≤ IOUT ≤ 300 mA,
Ta =
+25°C
VOUT(S)
< 1.5 V
15
30
mV
1
VIN = VOUT(S)
+ 1.0 V,
1 mA
≤ IOUT ≤ 300 mA,
Ta =
+25°C
1.5 V
≤ VOUT(S)
15
30
mV
1
Current
consumption
during operation
ISS1
VIN = 2.5 V,
ON / OFF pin = ON, no load
VOUT(S)
< 1.5 V
120
150
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON, no load
1.5 V
≤ VOUT(S)
120
150
μA2
Current
consumption
during power-off
ISS2
VIN = 2.5 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +105°C
VOUT(S)
< 1.5 V
0.1
4.5
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +105°C
1.5 V
≤ VOUT(S)
0.1
4.5
μA2
Input voltage
VIN
2.5
10
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn