Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244F12H-V5T2U Datasheet(HTML) 31 Page - ABLIC Inc.

Part No. S-19244F12H-V5T2U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244F12H-V5T2U Datasheet(HTML) 31 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxH Series
31
8. 1 S-19244xxxH Series A / B / C / D type
By charging the built-in capacitor via the built-in constant current source, tSS = 1.0 ms typ. is generated.
8. 2 S-19244xxxH Series E / F / G / H type
tSS can be adjusted by the external capacitor (CSS) connected between the SSC pin and the VSS pin, and is
calculated by using the following calculation.
tSS [ms] = Soft-start coefficient
*1 [ms / nF] × CSS [nF] + tD0*2 [ms]
*1. It is determined by charging the built-in constant current (approx. 2.1
μA) to CSS.
*2. The delay time of internal capacitance.
When the CSS value is sufficiently large, the tD0 value can be disregarded. When the ON / OFF pin is set to OFF,
the electrical charge charged in CSS is discharged by the transistor of the discharge shunt circuit.
Table 28 Soft-start Coefficient [ms / nF]
Operation Temperature
Min.
Typ.
Max.
Tj =
+150°C
0.391
0.528
0.691
Tj =
+105°C
0.398
0.539
0.690
Tj =
+25°C
0.436
0.574
0.704
Tj =
−40°C
0.467
0.604
0.717
Table 29 Delay Time of Internal Capacitnace (tD0)
Operation Temperature
Min.
Typ.
Max.
Tj =
−40°C to +150°C
0.032 ms
0.047 ms
0.108 ms
Caution
The above calculation will not guarantee successful operation. Perform thorough evaluation using
the actual application including the temperature characteristics under the actual usage conditions
to determine CSS capacitance. Refer to " Condition of Application" and " Characteristics (Typical
Data)" for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn