Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19244F12H-V5T2U Datasheet(HTML) 32 Page - ABLIC Inc.

Part No. S-19244F12H-V5T2U
Description  AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19244F12H-V5T2U Datasheet(HTML) 32 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
32
9. Types in which output voltage is externally set
The S-19244xxxH Series provides the types in which output voltage can be set via the external resistor. The output
voltage can be set by connecting a resistor (Ra) between the VOUT pin and the VADJ pin, and a resistor (Rb)
between the VADJ pin and the VSS pin.
The output voltage is determined by the following formulas.
VOUT = 1.0
+ Ra × la ···················· (1)
By substituting Ia = IVADJ
+ 1.0 / Rb to above formula (1),
VOUT = 1.0
+ Ra × (IVADJ + 1.0 / Rb) = 1.0 × (1.0 + Ra / Rb) + Ra × IVADJ ······· (2)
In above formula (2), Ra
× IVADJ is a factor for the output voltage error.
Whether the output voltage error is minute is judged depending on the following (3) formula.
By substituting IVADJ = 1.0 / RVADJ to Ra
× IVADJ
VOUT = 1.0
× (1.0 + Ra / Rb) + 1.0 × Ra / RVADJ ················ (3)
If RVADJ is sufficiently larger than Ra, the error is judged as minute.
VSS
VOUT
VIN
VADJ
VOUT
Ra
Rb
Ia
Ib
RVADJ
IVADJ
1.0 V
Figure 33
The following expression is in order to determine VOUT = 6.0 V.
If Rb = 2 k
Ω, substitute RVADJ = 600 kΩ typ. into (3),
Ra = (6.0 / 1.0
− 1) × ((2 k × 600 k) / (2 k + 600 k)) ≅ 9.97 kΩ
Caution The above connection diagrams and constants will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constants.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn