Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19244F12A-V5T2U Datasheet(PDF) 17 Page - ABLIC Inc.

Part # S-19244F12A-V5T2U
Description  AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244F12A-V5T2U Datasheet(HTML) 17 Page - ABLIC Inc.

Back Button S-19244F12A-V5T2U Datasheet HTML 13Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 14Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 15Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 16Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 17Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 18Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 19Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 20Page - ABLIC Inc. S-19244F12A-V5T2U Datasheet HTML 21Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244xxxA Series
17
2. Types in which output voltage is externally set (S-19244x00, HSOP-8A, HSOP-6, HSNT-8(2030))
Table 24
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Adjustment pin output
voltage
*1
VVADJ
VOUT = VVADJ, VIN = 2.5 V, IOUT = 100 mA,
Tj =
−40°C to +125°C
0.977
1.0
1.023
V
8
Output voltage range VROUT
1.0
9.0
V
15
Adjustment pin
internal resistance
RVADJ
600
k
Ω
Output current
*2
IOUT
VOUT = VVADJ, VIN = 2.5 V
1000
*5
mA
10
Dropout voltage
*3
Vdrop
VOUT = VVADJ, IOUT = 300 mA, Ta =
+25°C
*4
V
8
VOUT = VVADJ, IOUT = 1000 mA, Ta =
+25°C
*4
V
8
Line regulation
ΔVOUT1
ΔVIN • VOUT
VOUT = VVADJ, 2.5 V
≤ VIN ≤ 10 V,
IOUT = 100 mA, Ta =
+25°C
0.05
0.2
%/V
8
Load regulation
ΔVOUT2
VOUT = VVADJ, VIN = 2.5 V,
1 mA
≤ IOUT ≤ 300 mA, Ta = +25°C
15
30
mV
8
Current consumption
during operation
ISS1
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = ON, no load
120
150
μA
9
Current consumption
during power-off
ISS2
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = OFF, no load,
Tj =
−40°C to +125°C
0.1
10.5
μA
9
Input voltage
VIN
2.5
10
V
ON / OFF pin
input voltage "H"
VSH
VOUT = VVADJ, VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output level
2.1
V
11
ON / OFF pin
input voltage "L"
VSL
VOUT = VVADJ, VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output level
0.6
V
11
ON / OFF pin
input current "H"
ISH
VIN = 10 V,
ON / OFF = 10 V
B / D / F / H type
−0.1
0.1
μA
11
A / C / E / G type
0.8
2.5
7.8
μA11
ON / OFF pin
input current "L"
ISL
VIN = 10 V, ON / OFF = 0 V
−0.1
0.1
μA
11
Ripple rejection
|RR|
VOUT = VVADJ, VIN = 3.0 V, f = 1 kHz,
ΔVrip = 0.5 Vrms, IOUT = 100 mA
60
dB
12
Short-circuit current
Ishort
VOUT = VVADJ, VIN = 2.5 V, ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
330
mA
10
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
Discharge shunt
resistance during
power-off
RLOW
VIN = 10 V, VOUT = 0.1 V
A / B / E / F type
100
Ω
13
ON / OFF pin
pull-down resistance
RPD
A / C / E / G type
1.3
4.0
12
M
Ω
11
Soft-start time
*6
tSS
VOUT = VVADJ, VIN = 2.5 V,
ON / OFF pin = ON
A / B / C / D type
1.0
ms
14
*1. Output voltage when fixing IOUT (= 100 mA) and inputting 2.5 V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V, and IOUT = 300 mA or 1000 mA.
*4. The dropout voltage is limited by the difference between the input voltage (min. value) and the set output voltage.
In case of set output voltage (VOUT(S)) = 1.0 V: 2.5 V
− VOUT(S) = Vdrop
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.
*6. Soft-start time shows the time period from immediately after power-on or when the ON / OFF pin is set to ON until the
output voltage rises to 99%. Refer to "8. Soft-start function" in " Operation" for details.


Similar Part No. - S-19244F12A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19244F12A-V5T2U SII-S-19244F12A-V5T2U Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Similar Description - S-19244F12A-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com