Electronic Components Datasheet Search |
|
S-19244F50H-V5T2U Datasheet(PDF) 9 Page - ABLIC Inc. |
|
S-19244F50H-V5T2U Datasheet(HTML) 9 Page - ABLIC Inc. |
9 / 68 page AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION Rev.3.2_00 S-19244xxxH Series 9 4. 5 S-19244xxxH Series E type ON / OFF logic : Active "H" Discharge shunt function : Available Pull-down resistor : Available Soft-start time : Changeable by CSS Table 7 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244E00H-E8T1U − S-19244E00H-A8T1U 1.2 V ± 2.3% S-19244E12H-V5T2U S-19244E12H-E8T1U S-19244E12H-E6T1U S-19244E12H-A8T1U 1.8 V ± 2.3% S-19244E18H-V5T2U S-19244E18H-E8T1U S-19244E18H-E6T1U S-19244E18H-A8T1U 3.3 V ± 2.3% S-19244E33H-V5T2U S-19244E33H-E8T1U S-19244E33H-E6T1U S-19244E33H-A8T1U 5.0 V ± 2.3% S-19244E50H-V5T2U S-19244E50H-E8T1U S-19244E50H-E6T1U S-19244E50H-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 6 S-19244xxxH Series F type ON / OFF logic : Active "H" Discharge shunt function : Available Pull-down resistor : Unavailable Soft-start time : Changeable by CSS Table 8 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244F00H-E8T1U − S-19244F00H-A8T1U 1.2 V ± 2.3% S-19244F12H-V5T2U S-19244F12H-E8T1U S-19244F12H-E6T1U S-19244F12H-A8T1U 1.8 V ± 2.3% S-19244F18H-V5T2U S-19244F18H-E8T1U S-19244F18H-E6T1U S-19244F18H-A8T1U 3.3 V ± 2.3% S-19244F33H-V5T2U S-19244F33H-E8T1U S-19244F33H-E6T1U S-19244F33H-A8T1U 5.0 V ± 2.3% S-19244F50H-V5T2U S-19244F50H-E8T1U S-19244F50H-E6T1U S-19244F50H-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 7 S-19244xxxH Series G type ON / OFF logic : Active "H" Discharge shunt function : Unavailable Pull-down resistor : Available Soft-start time : Changeable by CSS Table 9 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244G00H-E8T1U − S-19244G00H-A8T1U 1.2 V ± 2.3% S-19244G12H-V5T2U S-19244G12H-E8T1U S-19244G12H-E6T1U S-19244G12H-A8T1U 1.8 V ± 2.3% S-19244G18H-V5T2U S-19244G18H-E8T1U S-19244G18H-E6T1U S-19244G18H-A8T1U 3.3 V ± 2.3% S-19244G33H-V5T2U S-19244G33H-E8T1U S-19244G33H-E6T1U S-19244G33H-A8T1U 5.0 V ± 2.3% S-19244G50H-V5T2U S-19244G50H-E8T1U S-19244G50H-E6T1U S-19244G50H-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. 4. 8 S-19244xxxH Series H type ON / OFF logic : Active "H" Discharge shunt function : Unavailable Pull-down resistor : Unavailable Soft-start time : Changeable by CSS Table 10 Output Voltage TO-252-5S(A) HSOP-8A HSOP-6 HSNT-8(2030) Externally set − S-19244H00H-E8T1U − S-19244H00H-A8T1U 1.2 V ± 2.3% S-19244H12H-V5T2U S-19244H12H-E8T1U S-19244H12H-E6T1U S-19244H12H-A8T1U 1.8 V ± 2.3% S-19244H18H-V5T2U S-19244H18H-E8T1U S-19244H18H-E6T1U S-19244H18H-A8T1U 3.3 V ± 2.3% S-19244H33H-V5T2U S-19244H33H-E8T1U S-19244H33H-E6T1U S-19244H33H-A8T1U 5.0 V ± 2.3% S-19244H50H-V5T2U S-19244H50H-E8T1U S-19244H50H-E6T1U S-19244H50H-A8T1U Remark Please contact our sales office for products with specifications other than the above output voltage. |
Similar Part No. - S-19244F50H-V5T2U |
|
Similar Description - S-19244F50H-V5T2U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |