Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19212D33A-V5T2U Datasheet(PDF) 24 Page - ABLIC Inc.

Part # S-19212D33A-V5T2U
Description  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19212D33A-V5T2U Datasheet(HTML) 24 Page - ABLIC Inc.

Back Button S-19212D33A-V5T2U Datasheet HTML 20Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 21Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 22Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 23Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 24Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 25Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 26Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 27Page - ABLIC Inc. S-19212D33A-V5T2U Datasheet HTML 28Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
24
Reference Data
1. Characteristics of input transient response (Ta =
+25°C)
1. 1 VOUT = 2.5 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
1. 2 VOUT = 5.0 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
t [ms]
3.3
2.3
15
5
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
3.1
2.9
2.7
2.5
13
11
9
7
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
t [ms]
5.8
4.8
15
5
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
5.6
5.4
5.2
5.0
13
11
9
7
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
1. 3 VOUT = 16.0 V
IOUT = 40 mA, CIN = 1.0
μF, VIN = 18.0 V ↔ 19.5 V, tr = tf = 5.0 μs
t [ms]
16.8
15.8
21
11
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
16.6
16.4
16.2
16.0
19
17
15
13
CL = 10.0
μF
VIN
VOUT
CL = 22.0
μF
2. Characteristics of load transient response (Ta =
+25°C)
2. 1 VOUT = 2.5 V
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
2. 2 VOUT = 5.0 V
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
2.9
2.3
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
2.6
2.4
2.7
2.5
2.8
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF
t [ms]
5.4
4.8
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
5.1
4.9
5.2
5.0
5.3
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF
2. 3 VOUT = 16.0 V
VIN = 18.0 V, CIN = 1.0
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
16.4
15.8
150
−150
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
−0.4
16.1
15.9
16.2
16.0
16.3
0
−100
50
−50
100
CL = 10.0
μF
IOUT
VOUT
CL = 22.0
μF


Similar Part No. - S-19212D33A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212D33A-V5T2U SII-S-19212D33A-V5T2U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19212D33A-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com