Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212D50A-V5T2U Datasheet(HTML) 22 Page - ABLIC Inc.

Part No. S-19212D50A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212D50A-V5T2U Datasheet(HTML) 22 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
22
7. Current consumption during operation vs. Input voltage (When ON / OFF pin is ON, no load)
7. 1 VOUT = 2.5 V
7. 2 VOUT = 5.0 V
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
7. 3 VOUT = 16.0 V
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
8. Current consumption during operation vs. Junction temperature
8. 1 VOUT = 2.5 V
VIN = 18.0 V
8. 2 VOUT = 5.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0
8. 3 VOUT = 16.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn