Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19212D50A-V5T2U Datasheet(PDF) 23 Page - ABLIC Inc.

Part # S-19212D50A-V5T2U
Description  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19212D50A-V5T2U Datasheet(HTML) 23 Page - ABLIC Inc.

Back Button S-19212D50A-V5T2U Datasheet HTML 19Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 20Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 21Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 22Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 23Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 24Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 25Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 26Page - ABLIC Inc. S-19212D50A-V5T2U Datasheet HTML 27Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
23
9. Current consumption during operation vs. Output current (Ta =
+25°C)
9. 1 VOUT = 2.5 V
9. 2 VOUT = 5.0 V
50
100
150
200
250
0
50.0
0.0
40.0
30.0
20.0
10.0
IOUT [mA]
VIN = 13.5 V
VIN = 3.5 V
50
100
150
200
250
0
50.0
0.0
40.0
30.0
20.0
10.0
IOUT [mA]
VIN = 13.5 V
VIN = 6.0 V
9. 3 VOUT = 16.0 V
50
100
150
200
250
0
50.0
0.0
40.0
30.0
20.0
10.0
IOUT [mA]
VIN = 20.0 V
VIN = 17.0 V
10. Ripple rejection (Ta =
+25°C)
10. 1 VOUT = 2.5 V
VIN = 4.5 V, CL = 1.0
μF
10. 2 VOUT = 5.0 V
VIN = 7.0 V, CL = 1.0
μF
Frequency [Hz]
10
100k
0
120
10k
1k
100
60
40
20
80
100
IOUT = 10 mA
IOUT = 250 mA
IOUT = 0.01 mA
Frequency [Hz]
10
100k
0
120
10k
1k
100
60
40
20
80
100
IOUT = 10 mA
IOUT = 250 mA
IOUT = 0.01 mA
10. 3 VOUT = 16.0 V
VIN = 18.0 V, CL = 1.0
μF
Frequency [Hz]
10
100k
0
120
10k
1k
100
60
40
20
80
100
IOUT = 10 mA
IOUT = 250 mA
IOUT = 0.01 mA


Similar Part No. - S-19212D50A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19212D50A-V5T2U SII-S-19212D50A-V5T2U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19212D50A-V5T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com