Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-19212D50A-V5T2U Datasheet(HTML) 25 Page - ABLIC Inc.

Part No. S-19212D50A-V5T2U
Description  AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABLIC [ABLIC Inc.]
Homepage  https://www.ablic.com
Logo 

S-19212D50A-V5T2U Datasheet(HTML) 25 Page - ABLIC Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19212B/DxxA Series
25
3. Transient response characteristics of ON / OFF pin (Ta =
+25°C)
3. 1 VOUT = 2.5 V
VIN = 13.5 V, CL = 10.0
μF, CIN = 1.0 μF,
IOUT = 125 mA, VON / OFF = 0 V
→ 13.5 V
3. 2 VOUT = 5.0 V
VIN = 13.5 V, CL = 10.0
μF, CIN = 1.0 μF,
IOUT = 125 mA, VON / OFF = 0 V
→ 13.5 V
t [ms]
6.0
0.0
9.0
3.0
12.0
15.0
−3.0
6
0
−6
−12
12
18
−18
0.0 0.5
−0.5
1.5
1.0
2.0
2.5
3.0
VOUT
VON / OFF
t [ms]
6.0
0.0
9.0
3.0
12.0
15.0
−3.0
6
0
−6
−12
12
18
−18
0.0 0.5
−0.5
1.5
1.0
2.0
2.5
3.0
VOUT
VON / OFF
4. Load transient response characteristics dependent on capacitance (Ta =
+25°C)
4. 1 VOUT = 5.0 V
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 50 mA → 100 mA
VIN = 13.5 V, CIN = 1.0
μF, IOUT = 100 mA → 50 mA
20
40
60
80
100
0
0.20
CL [
μF]
0.15
0.10
0.05
0.00
20
40
60
80
100
0
0.20
CL [
μF]
0.15
0.10
0.05
0.00
5. Input transient response characteristics dependent on capacitance (Ta =
+25°C)
5. 1 VOUT = 5.0 V
VIN = 7.0 V → 12.0 V, tr = 5.0
μs,
CIN = 1.0
μF, IOUT = 40 mA
VIN = 12.0 V → 7.0 V, tr = 5.0
μs,
CIN = 1.0
μF, IOUT = 40 mA
20
40
60
80
100
0
2.0
CL [
μF]
1.5
1.0
0.5
0.0
20
40
60
80
100
0
2.0
CL [
μF]
1.5
1.0
0.5
0.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn